Part Number Hot Search : 
PO3B10A C18F25 1N4737A MPSA12 2N002 25G6EH GSAP100 524505
Product Description
Full Text Search
 

To Download DLR5736 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DLR5735 RED DLR5736 GREEN DLG5735 GREEN DLG5736
RED .69" (17.5 mm) Single Character 5x7 Dot Matrix Alphanumeric Display (No Built-In CMOS Drive Circuitry)
Dimensions in inches (mm)
column 1 column 2 column 3 column 4 column 5
pin 1 notch .505 (12.8) max.
.300 (7.62) .200 (5.08) .100 (2.54)
luminous intensity code hue code
row 2 row 3 row 4 row 5 row 6 row 7 .200 (5.08) .100 (2.54) .100 (2.54) .200 (5.08) .000 DLX573X
.705 (17.9) .000 max. .100 (2.54)
.200 (5.08) .300 (7.62)
SIEMENS YYXX
Z#
row 1
.100 (2.54)
date code
.100 (2.54) typ.
.08 (2.0) dia. max. typ.
.018 (.46) part no.
.250 (6.35)
Note: Recommended mounting board hole size .040 (1.02) +.006 (.152) dia.
-.000 (.000)
FEATURES * DLR/DLG 5735 Common Row Cathode * DLR/DLG 5736 Common Row Anode * 5x7 Matrix Array with Row-Column Select * End & Side Stackable * Rugged Encapsulation (Filled Reflector Construction) * Compatible with ASCII and EBCDIC Format * Standard 12 pin, 0.3" Pin Spacing, Dual-ln-line Package * Good "OFF" Segment Contrast * Grey Face with Clear Segments DESCRIPTION The DLR 5735/5736 Series (gallium arsenide phosphide) and the DLG 5735/5736 Series (gallium phosphide) are 5x7 dot matrix light emitting diode alphanumeric displays. Compatible with ASCII and EBCDIC formats, these displays are well suited for use in keyboard verfiers, computer peripheral equipment, and other applications requiring an alphanumeric display They are stackable both horizontally and vertically to generate large alphanumeric or even graphic displays.
.012 (.30) .170 (4.32) min. .300 (7.62)
Maximum Ratings Power Dissipation (Package) ...................................................... 750 mW Derate Linearly from 25C ..................................................... 11.5 mW/C Storage /Operating Temperature.................................... -20C to + 70C Continuous Forward Current Per Segment .................................... 20 mA Pulse Peak Current/Segment, 20% DutyCycle.............................. 100mA Reverse Voltage DLR 5735, 5736 ............................................................................... 3 V DLG 5735, 5736............................................................................... 5 V Solder Temperature, 1/16" below seating plane, 5 sec. ..................260C Electrical/Optical Characteristics (TA=25C)
Parameter Luminous Intensity Digit Average (per dot) DLR 5735/5736 DLG 5735/5736 Forward Voltage DLR 5735/5736 DLG 5735/5736 Reverse Current DLR 5735/5736 DLG 5735/5736 Peak Emission Wavelength DLR 5735/5736 DLG 5735/5736 Spectral Line Half-width DLR 5735/5736 DLG 5735/5736 2-1 650 565 40 30 Min. Typ. Max. Units Condition
100 320
200 650 1.7 2.3 2.0 3.0 100 100
cd cd V V A A nm nm nm nm
IF= 20 mA IF= 10 mA IF= 20 mA IF= 20 mA VR=3 V VR=5 V
Pin Configurations DLR5735 DLG5735
SCHEMATIC
DLR5736 DLG5736
SCHEMATIC
Pin number 1 orientation notch Pin 1 2 3 4 5 6 7 8 9 10 11 12 Function Row 1 Cathode Row 2 Cathode Column 2 Anode Column 1 Anode Row 6 Cathode Row 7 Cathode Column 3 Anode Row 5 Cathode Column 4 Anode Row 4 Cathode Row 3 Cathode Column 5 Anode
Pin number 1 orientation notch Pin 1 2 3 4 5 6 7 8 9 10 11 12 Function Column 1 Cathode Row 3 Anode Column 2 Cathode Row 5 Anode Row 6 Anode Row 7 Anode Column 4 Cathode Column 5 Cathode Row 4 Anode Column 3 Cathode Row 2 Anode Row 1 Anode
1 2 3 4 5 6
12 1 2 3 4 5 07 6 11 10 09 08
12 11 10 09 08 07
TOP VIEW
TOP VIEW
Block Diagram Vertical Strobing -- Block Diagram
7 Line ASCII Digit Select 7 Bit Input Storage Buffers
1
Master Clock Timing Circuitry
2
3
Character ROM
1
Column Drivers Row Drivers
2 2
LED Display
3 3
LED Display
5 Bit Output Storage Buffers
1
LED Display
DLR/DLG5735/6
2-2


▲Up To Search▲   

 
Price & Availability of DLR5736

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X